Part Number Hot Search : 
115A521 AD6472 STK086 D74HC MC3346 C484FD26 Z0103M AT91S
Product Description
Full Text Search
 

To Download 2SC1667 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1667
DESCRIPTION *With TO-3 package *Low collector saturation voltage *Excellent safe operating area APPLICATIONS *For use in high power audio amplifier applications and high voltage switching regulator circuits
PINNING PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=)
SYMBOL VCBO VCEO VEBO IC PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total Power Dissipation Junction temperature Storage temperature TC=75 Open emitter Open base Open collector CONDITIONS VALUE 90 90 7 4 50 175 -55~175 UNIT V V V A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL VCEO(SUS) V(BR)EBO VCEsat VBE sat ICBO IEBO hFE fT PARAMETER Collector-emitter sustaining voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=50mA ;IB=0 IE=1mA ;IC=0 IC=3A; IB=0.3A IC=3A; IB=0.3A VCB=90V; IE=0 VEB=7V; IC=0 IC=1A ; VCE=4V IC=0.5A ; VCE=10V 40 MIN 90 7
2SC1667
TYP.
MAX
UNIT V V
1.0 1.5 0.1 0.1 200 10
V V mA mA
MHz
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1667
Fig.2 outline dimensions (unindicated tolerance:0.10mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC1667

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X